Part Number Hot Search : 
80NE03 LVC157 LT1200 FN1580 2F8727P 11N60 GPF1002 2SD218
Product Description
Full Text Search
 

To Download NLCV25T-330K-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. inductors for decoupling circuits wound/for current nlcv/nlc series type: issue date: nlcv25 2520[1008 inch]* nlcv32 3225[1210 inch] nlcv25t-r 2520[1008 inch] nlcv32t-r 3225[1210 inch] nlc453232 4532[1812 inch] nlc565050 5650[2220 inch] * dimensions code jis[eia] september 2011
(1/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. inductors for decoupling circuits wound/for current nlcv series nlcv25 features  the product has good heat durability that withstands lead-free compatible reflow soldering conditions.  lead-free material is used for the plating on the terminal  the electrical characteristics, reliability, shape and pad shape are the same as the previous nl series.  the product uses metal terminals, which realize excellent connection reliability.  highly heat resistant thermoplastic resin is used to form the exterior package.  from 1h to 33h, all of the products are available in the e-6 series.  this product is in compliance with the rohs directive. other products with specifications that do not include exemption regulations are also available. applications  audio-visual equipment including tvs, vcrs and digital cameras.  electronic equipment used in communication infrastructures including xdsl and mobile base stations.  electronic equipment used in onboard automobile equipment including car audio and ecu systems.  other electronic equipment including hdds and odds. specifications recommended soldering conditions reflow soldering flow soldering iron soldering  based on the above conditions, use a maximum product temperature of 260c and a maximum accumulated heating time of 10 seconds as a guideline.  please contact us for details. product identification (1) series name (2) dimensions (3) packaging style (4) inductance value (5) inductance tolerance (6) lead-free compatible product packaging style and quantities conformity to rohs directive operating temperature range ?40 to +105c [including self-temperature rise] storage temperature range ?40 to +105c 150?c 180?c 255?c 230?c pre-heating 90 to 120s 40s max. 10s max. natural cooling time ( s ) tip temperature 300 to 350c heating time 3 seconds/soldering soldering rod specifications output: 30w tip diameter: approx.1mm nlcv 25 t- 2r2 m - pf (1) (2) (3) (4) (5) (6) 25 2.5 2.0 1.8mm ( l w t) t taping (reel) 1r0 1 h 220 22 h k10% m20% pf conformity to rohs directive, exemption regulations apply ef conformity to rohs directive packaging style quantity taping 2000 pieces/reel 150?c 170?c 260?c max. pre-heating 60 to 120s 10s max. natural cooling time ( s )  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. shapes and dimensions/recommended pc board pattern electrical characteristics ? 1 rated current: value obtained when current flows and the temperature has risen to 20c or when dc current flows and the initial value of inductance has fallen by 10%, whichever is smaller. ? 2 : please specify lead-free compatible product, pf (conformity to rohs directive, exemption regulations apply) or ef (conformity to rohs directive)  test equipment l, q: hp4194a impedance/ gain phase analyzer+hp16085a+hp16093 b+tf-1 srf: hp8753c network analyzer rdc: matsushita vp-2941a digital milliohm meter typical electrical characteristics inductance change vs. dc superposition impedance vs. frequency characteristics characteristics inductance(h) inductance tolerance q ref. test frequency l,q (mhz) self-resonant frequency (mhz)min. dc resistance ( ? )30% rated current ? 1 (ma)max. part no. 1 20% 20 7.96 200 0.34 475 nlcv25t-1r0m- ? 2 1.5 20% 20 7.96 165 0.42 435 nlcv25t-1r5m- 2.2 20% 20 7.96 95 0.5 390 nlcv25t-2r2m- 3.3 20% 20 7.96 55 0.65 340 nlcv25t-3r3m- 4.7 20% 20 7.96 43 0.8 285 nlcv25t-4r7m- 6.8 20% 20 7.96 39 1 275 nlcv25t-6r8m- 10 10% 30 2.52 32 1.69 210 nlcv25t-100k- 15 10% 30 2.52 21 2.2 175 nlcv25t-150k- 22 10% 30 2.52 18 2.8 160 nlcv25t-220k- 33 10% 30 2.52 16 4.2 120 nlcv25t-330k- 2.50.2 20.1 1.80.1 0.5 ( 0.4 ) terminal electrode 1.40.1 weight:25mg 1.5 inductor solder land pattern 1.0 1.5 1.0 dimensions in mm 10 30 100 300 1000 3000 10000 dc current ( ma ) inductance ( h ) 0.1 0.3 1 3 10 30 100 22 h 10 h 4.7 h 2.2 h 1 h 13 10 30 100 300 1000 frequency ( mhz ) impedance ( k ? ) 0.1 0.3 1 3 10 30 100 22 h 10 h 4.7 h 2.2 h 1 h
(3/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. inductors for decoupling circuits wound/for current nlcv series nlcv32 features  this is a renewed version of nlc322522.  the product has good heat durability that withstands lead-free compatible reflow soldering conditions.  lead-free material is used for the plating on the terminal  the electrical characteristics, reliability, shape and pad shape are the same as the previous nl series.  the product uses metal terminals, which realize excellent connection reliability.  highly heat resistant thermoplastic resin is used to form the exterior package.  from 1.0h to 330h, all of the products are available.  this product is in compliance with the rohs directive. other products with specifications that do not include exemption regulations are also available. applications  audio-visual equipment including tvs, vcrs and digital cameras.  electronic equipment used in communication infrastructures including xdsl and mobile base stations.  electronic equipment used in onboard automobile equipment including car audio and ecu systems.  other electronic equipment including hdds and odds. specifications recommended soldering conditions reflow soldering flow soldering iron soldering  based on the above conditions, use a maximum product temperature of 260c and a maximum accumulated heating time of 10 seconds as a guideline.  please contact us for details. product identification (1) series name (2) dimensions (3) packaging style (4) inductance value (5) inductance tolerance (6) lead-free compatible product packaging style and quantities conformity to rohs directive operating temperature range ?40 to +105c [including self-temperature rise] storage temperature range ?40 to +105c 150?c 180?c 255?c 230?c pre-heating 90 to 120s 40s max. 10s max. natural cooling time ( s ) tip temperature 300 to 350c heating time 3 seconds/soldering soldering rod specifications output: 30w tip diameter: approx.1mm nlcv 32 t- 2r2 m - pf (1) (2) (3) (4) (5) (6) 32 3.2 2.5 2.2mm (l w t) t taping (reel) 1r0 1 h 100 10h 101 100h k10% m20% pf conformity to rohs directive, exemption regulations apply ef conformity to rohs directive packaging style quantity taping 2000 pieces/reel 150?c 170?c 260?c max. pre-heating 60 to 120s 10s max. natural cooling time ( s )  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(4/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. shapes and dimensions/recommended pc board pattern electrical characteristics ? 1 rated current: value obtained when current flows and the temperature has risen to 20c or when dc current flows and the initial value of inductance has fallen by 10%, whichever is smaller. ? 2 : please specify lead-free compatible product, pf (conformity to rohs directive, exemption regulations apply) or ef (conformity to rohs directive)  test equipment l, q: yhp4194a impedance analyzer+yhp16085a+yhp16093b+tf-1, or equivalent srf: hp8753c network analyzer rdc: matsushita vp-2941a digital milliohm meter, or equivalent typical electrical characteristics inductance (h) inductance tolerance q ref. test frequency l,q (mhz) self-resonant frequency (mhz)min. dc resistance ( ? )30% rated current ? 1 (ma)max. part no. 1 20% 10 7.96 100 0.06 1000 nlcv32t-1r0m- ? 2 1.5 20% 10 7.96 80 0.11 830 nlcv32t-1r5m- 2.2 20% 10 7.96 68 0.13 770 nlcv32t-2r2m- 3.3 20% 10 7.96 54 0.16 690 nlcv32t-3r3m- 4.7 20% 15 7.96 46 0.2 620 nlcv32t-4r7m- 6.8 20% 15 7.96 38 0.27 530 nlcv32t-6r8m- 10 10% 15 2.52 30 0.36 450 nlcv32t-100k- 15 10% 15 2.52 26 0.56 370 nlcv32t-150k- 22 10% 15 2.52 21 0.77 300 nlcv32t-220k- 33 10% 15 2.52 17 1.1 240 nlcv32t-330k- 47 10% 15 2.52 14 1.64 180 nlcv32t-470k- 68 10% 15 2.52 12 2.8 140 nlcv32t-680k- 100 10% 15 0.796 10 3.7 120 nlcv32t-101k- 150 10% 20 0.796 8 6.1 100 nlcv32t-151k- 220 10% 20 0.796 7 8.4 80 nlcv32t-221k- 330 10% 20 0.796 6 12.3 70 nlcv32t-331k- 3.2 0.2 1r0 2.5 0.2 1.9 0.1 weight: 50mg 2.2 0.2 0.5 ( 0.4 ) terminal electrode solder land pattern inductor 2 1.2 1.2 2 dimensions in mm
(5/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. inductance change vs. dc superposition characteristics impedance vs. frequency characteristics 5 10 50 500 100 1000 5 10 1 50 100 500 1000 inductance ( h ) dc current ( ma ) 47 h 22 h 330 h 220 h 100 h 10 h 1 h frequency ( mhz ) 1 0.5 10 5 100 50 0.1 1 10 5 0.5 100 50 500 impedance ( k ? ) 330 h 220 h 100 h 47 h 22 h 4.7 h 10 h 1 h
(5/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. inductors for decoupling circuits wound/for current nlcv series nlcv25t-r features  rated current is maintained in the range of 1.7 to 2.0 times compared to the existing nlcv25 series.  stable inductance, as the inductance change in the maximum rated current load is within ?10%.  maximum operating temperature is +125c (including self- temperature rise).  lead-free material is adopted for terminal soldering.  pc board pattern is compatible with the existing nlcv25 series.  this product is in compliance with the rohs directive. other products with specifications that do not include exemption regulations are also available. applications power supply lines, audio visual systems, electronic equipment for vehicle, it equipment specifications recommended soldering conditions reflow soldering flow soldering iron soldering  based on the above conditions, use a maximum product temperature of 260c and a maximum accumulated heating time of 10 seconds as a guideline.  please contact us for details. product identification (1) series name (2) dimensions (3) packaging style (4) inductance (5) inductance tolerance (6) lead-free compatible product (7) tdk internal code conformity to rohs directive operating temperature range ?40 to +125c [including self-temperature rise] storage temperature range ?40 to +125c 150?c 180?c 255?c 230?c pre-heating 90 to 120s 40s max. 10s max. natural cooling time ( s ) 150?c 170?c 260?c max. pre-heating 60 to 120s 10s max. natural cooling time ( s ) tip temperature 300 to 350c heating time 3 seconds/soldering soldering rod specifications output: 30w tip diameter: 1mm nlcv 25 t r10 m - pf r (1) (2) (3) (4) (5) (6) (7) 25 2.5 2.0 1.8mm(l w t) t taping (reel) r10 0.1h 1r0 1h 100 10h k10% m20% pf conformity to rohs directive, exemption regulations apply ef conformity to rohs directive  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(6/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. shapes and dimensions/recommended pc board pattern electrical characteristics ? : please specify lead-free compatible product, pf (conformity to rohs directive, exemption regulations apply) or ef (conformity to rohs directive)  test equipment l, q: hp4194a impedance analyzer+16085a+16093b+tf-1 srf: hp8753c network analyzer rdc: matsushita vp-2941a digital milliohm meter typical electrical characteristics inductance vs. frequency characteristics impedance vs. frequency characteristics inductance vs. dc superposition characteristics inductance (h) inductance tolerance q ref. test frequency l,q (mhz) self-resonant frequency (mhz)min. dc resistance ( ? )20% rated current (ma)max. part no. 0.1 20% 5 25.2 800 0.04 1890 nlcv25t-r10m- ? r 0.15 20% 5 25.2 500 0.044 1800 nlcv25t-r15m- r 0.22 20% 5 25.2 400 0.05 1690 nlcv25t-r22m- r 0.33 20% 5 25.2 300 0.065 1480 nlcv25t-r33m- r 0.47 20% 5 25.2 220 0.08 1340 nlcv25t-r47m- r 0.68 20% 5 25.2 160 0.09 1260 nlcv25t-r68m- r 1 20% 10 7.96 100 0.14 1000 nlcv25t-1r0m- r 1.5 20% 10 7.96 80 0.18 890 nlcv25t-1r5m- r 2.2 20% 10 7.96 68 0.27 730 nlcv25t-2r2m- r 3.3 20% 10 7.96 54 0.44 570 nlcv25t-3r3m- r 4.7 20% 10 7.96 46 0.57 500 nlcv25t-4r7m- r 6.8 20% 10 7.96 38 0.92 390 nlcv25t-6r8m- r 10 10% 15 2.52 30 1.1 360 nlcv25t-100k- r 2.50.2 20.1 1.80.1 0.5 ( 0.4 ) terminal electrode 1.40.1 weight:25mg 1.5 inductor solder land pattern 1.0 1.5 1.0 dimensions in mm 0.01 100 10 0.1 1 1 10 100 frequency ( mhz ) 4.7 h 2.2 h 1 h 0.47 h 0.22 h 0.1 h 10 h inductance ( h ) 1 1 10 100000 10000 1000 100 10 100 impedance ( ? ) frequency ( mhz ) 4.7 h 2.2 h 1 h 0.47 h 0.22 h 0.1 h 10 h 1 10 100 1000 10000 dc current ( ma ) 0.01 100 10 0.1 1 inductance ( h ) 4.7 h 2.2 h 1 h 0.47 h 0.22 h 0.1 h 10 h
(7/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. inductors for decoupling circuits wound/for current nlcv series nlcv32t-r features  rated current is maintained in the range of 1.4 to 2.0 times compared to the existing nlcv32 series.  stable inductance, as the inductance change in the maximum rated current load is within ?10%.  maximum operating temperature is +125c (including self- temperature rise).  lead-free material is adopted for terminal soldering.  pc board pattern is compatible with the existing nlcv32 series.  this product is in compliance with the rohs directive. other products with specifications that do not include exemption regulations are also available. applications power supply lines, audio visual systems, electronic equipment for vehicle, it equipment specifications recommended soldering conditions reflow soldering flow soldering iron soldering  based on the above conditions, use a maximum product temperature of 260c and a maximum accumulated heating time of 10 seconds as a guideline.  please contact us for details. product identification (1) series name (2) dimensions (3) packaging style (4) inductance (5) inductance tolerance (6) lead-free compatible product (7) tdk internal code conformity to rohs directive operating temperature range ?40 to +125c [including self-temperature rise] storage temperature range ?40 to +125c 150?c 180?c 255?c 230?c pre-heating 90 to 120s 40s max. 10s max. natural cooling time ( s ) 150?c 170?c 260?c max. pre-heating 60 to 120s 10s max. natural cooling time ( s ) tip temperature 300 to 350c heating time 3 seconds/soldering soldering rod specifications output: 30w tip diameter: 1mm nlcv 32 t r10 m - pf r (1) (2) (3) (4) (5) (6) (7) 32 3.2 2.5 2.2mm(l w t) t taping (reel) r10 0.1h 1r0 1h 100 10h k10% m20% pf conformity to rohs directive, exemption regulations apply ef conformity to rohs directive  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(8/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. shapes and dimensions/recommended pc board pattern electrical characteristics ? : please specify lead-free compatible product, pf (conformity to rohs directive, exemption regulations apply) or ef (conformity to rohs directive) typical electrical characteristics inductance vs. frequency characteristics impedance vs. frequency characteristics inductance vs. dc superposition characteristics inductance (h) inductance tolerance q ref. test frequency l,q (mhz) self-resonant frequency (mhz)min. dc resistance ( ? )20% rated current (ma)max. part no. 0.1 20% 10 25.2 800 0.02 2850 nlcv32t-r10m- ? r 0.15 20% 10 25.2 500 0.024 2600 nlcv32t-r15m- r 0.22 20% 10 25.2 400 0.027 2400 nlcv32t-r22m- r 0.33 20% 10 25.2 300 0.035 2100 nlcv32t-r33m- r 0.47 20% 10 25.2 250 0.038 2000 nlcv32t-r47m- r 0.68 20% 10 25.2 180 0.045 1900 nlcv32t-r68m- r 1 20% 15 7.96 100 0.055 1700 nlcv32t-1r0m- r 1.5 20% 15 7.96 80 0.095 1400 nlcv32t-1r5m- r 2.2 20% 15 7.96 68 0.115 1200 nlcv32t-2r2m- r 3.3 20% 15 7.96 54 0.16 1000 nlcv32t-3r3m- r 4.7 20% 15 7.96 46 0.2 900 nlcv32t-4r7m- r 6.8 20% 15 7.96 38 0.29 700 nlcv32t-6r8m- r 10 10% 20 2.52 30 0.42 600 nlcv32t-100k- r 3.2 0.2 2.5 0.2 2.2 0.2 0.5 ( 0.4 ) terminal electrode 1.9 0.1 100 weight: 50mg 2 inductor pattern 1.2 2 1.2 dimensions in mm 1 0.01 100 10 0.1 1 10 100 inductance ( h ) frequency ( mhz ) 4.7 h 2.2 h 1 h 0.47 h 0.22 h 0.1 h 10 h 1 1 10 100000 10000 1000 100 10 100 impedance ( ? ) frequency ( mhz ) 4.7 h 2.2 h 1 h 0.47 h 0.22 h 0.1 h 10 h 1 10 100 1000 10000 dc current ( ma ) 0.01 100 10 0.1 1 inductance ( h ) 4.7 h 2.2 h 1 h 0.47 h 0.22 h 0.1 h 10 h
(9/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. inductors for decoupling circuits wound/for current nlc series nlc453232 features  the nlc series feature low dc resistance and high current handling capacities, making them ideal for power supply line applications.  the product has good heat durability that withstands lead-free compatible reflow soldering conditions.  lead-free material is used for the plating on the terminal.  the product uses metal terminals, which realize excellent connection reliability.  from 1h to 330h, all of the products in the e-12 series are k(10%) tolerance products.  it is a product conforming to rohs directive. applications  electronic equipment used in communication infrastructures including xdsl and mobile base stations.  audio-visual equipment including tvs and vcrs.  other electronic equipment including hdds and odds. specifications recommended soldering conditions reflow soldering flow soldering iron soldering  based on the above conditions, use a maximum product temperature of 260c and a maximum accumulated heating time of 10 seconds as a guideline.  please contact us for details. product identification (1) series name (2) dimensions (3) packaging style (4) inductance value (5) inductance tolerance (6) lead-free compatible product packaging style and quantities conformity to rohs directive operating temperature range ?40 to +105c [including self-temperature rise] storage temperature range ?40 to +105c 150?c 180?c 255?c 230?c pre-heating 90 to 120s 40s max. 10s max. natural cooling time ( s ) 150?c 170?c 260?c max. pre-heating 60 to 120s 10s max. natural cooling time ( s ) tip temperature 300 to 350c heating time 3 seconds/soldering soldering rod specifications output: 30w tip diameter: 1mm nlc 453232 t- 2r2 k - pf (1) (2) (3) (4) (5) (6) 453232 4.5 3.2 3.2mm (l w t) t taping (reel) 1r0 1h 100 10h 101 100h k10% pf lead-free compatible product packaging style quantity taping 500 pieces/reel  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(10/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. shapes and dimensions/recommended pc board pattern electrical characteristics ? rated current: value obtained when current flows and the temperature has risen to 20c or when dc current flows and the initial value of inductance has fallen by 10%, whichever is smaller.  test equipment l, q: yhp4194a impedance analyzer+yhp16085a+yhp16093b+tf-1, or equivalent srf: hp8753c network analyzer (zin=zout=50 ? ), or equivalent rdc: matsushita vp-2941a digital milliohm meter, or equivalent inductance (h) inductance tolerance q min. test frequency l, q (mhz) self-resonant frequency (mhz)min. dc resistance ( ? )max. rated current ? (ma)max. part no. 1 10% 10 7.96 200 0.11 1050 nlc453232t-1r0k-pf 1.2 10% 10 7.96 160 0.12 1000 nlc453232t-1r2k-pf 1.5 10% 10 7.96 130 0.15 950 nlc453232t-1r5k-pf 1.8 10% 10 7.96 100 0.16 900 nlc453232t-1r8k-pf 2.2 10% 10 7.96 80 0.18 850 nlc453232t-2r2k-pf 2.7 10% 10 7.96 60 0.2 800 nlc453232t-2r7k-pf 3.3 10% 10 7.96 45 0.22 750 nlc453232t-3r3k-pf 3.9 10% 10 7.96 40 0.24 700 nlc453232t-3r9k-pf 4.7 10% 10 7.96 35 0.27 650 nlc453232t-4r7k-pf 5.6 10% 10 7.96 30 0.3 650 nlc453232t-5r6k-pf 6.8 10% 10 7.96 28 0.35 600 nlc453232t-6r8k-pf 8.2 10% 10 7.96 25 0.4 600 nlc453232t-8r2k-pf 10 10% 10 2.52 22 0.5 550 nlc453232t-100k-pf 12 10% 10 2.52 21 0.6 500 nlc453232t-120k-pf 15 10% 10 2.52 20 0.7 450 nlc453232t-150k-pf 18 10% 10 2.52 19 0.8 400 nlc453232t-180k-pf 22 10% 10 2.52 18 0.9 370 nlc453232t-220k-pf 27 10% 10 2.52 16 1.2 330 nlc453232t-270k-pf 33 10% 10 2.52 14 1.4 300 nlc453232t-330k-pf 39 10% 10 2.52 12 1.6 280 nlc453232t-390k-pf 47 10% 10 2.52 11.5 1.9 260 nlc453232t-470k-pf 56 10% 10 2.52 11 2.2 240 nlc453232t-560k-pf 68 10% 10 2.52 10 2.6 220 nlc453232t-680k-pf 82 10% 10 2.52 9 3.5 200 nlc453232t-820k-pf 100 10% 20 0.796 8 4 180 nlc453232t-101k-pf 120 10% 20 0.796 7.5 4.5 160 nlc453232t-121k-pf 150 10% 20 0.796 7 6.5 140 nlc453232t-151k-pf 180 10% 20 0.796 6.5 7.5 120 nlc453232t-181k-pf 220 10% 20 0.796 5.5 9 120 nlc453232t-221k-pf 270 10% 20 0.796 5 11 100 nlc453232t-271k-pf 330 10% 20 0.796 4 13 90 nlc453232t-331k-pf 120 c0.5 r0.2 4.5 0.3 3.2 0.2 2.6 0.1 weight: 180mg 3.2 0.2 0.5 ( 0.6 ) terminal electrode solder land pattern inductor 2.8 1.5 1.5 3 dimensions in mm
(11/14) 001-03 / 20110927 / e511_nlcv_nlc  all specifications are subject to change without notice. typical electrical characteristics inductance change vs. dc superposition characteristics impedance vs. frequency characteristics 0.1 1 10 100 1000 inductance ( h ) 0 100 1000 10000 dc current ( ma ) 220 h 100 h 47 h 22 h 10 h 3.9 h 1 h a l=5h c=20000 f test circuit dc universal bridge specimen yhp model-4275a or equivalent 0.1 1 10 5 0.5 100 50 frequency ( mhz ) 0.1 1 0.5 10 5 impedance ( k ? ) test equipment: 4194a impedance/ gain-phase analyzer ( 16092a fixture ) 1 h 3.9 h 10 h 100 h 22 h 220 h
 all specifications are subject to change without notice. (12/14) 001-03 / 20110927 / e511_nlcv_nlc inductors for decoupling circuits wound/for current nlc series nlc565050 features  the nlc series feature low dc resistance and high current handling capacities, making them ideal for power supply line applications.  the product has good heat durability that withstands lead-free compatible reflow soldering conditions.  lead-free material is used for the plating on the terminal.  the product uses metal terminals, which realize excellent connection reliability.  from 1h to 1000h, all of the products in the e-12 series are k(10%) tolerance products.  it is a product conforming to rohs directive. applications  electronic equipment used in communication infrastructures including xdsl and mobile base stations.  audio-visual equipment including tvs and vcrs.  other electronic equipment including hdds and odds. specifications recommended soldering conditions reflow soldering flow soldering iron soldering  based on the above conditions, use a maximum product temperature of 260c and a maximum accumulated heating time of 10 seconds as a guideline.  please contact us for details. product identification (1) series name (2) dimensions (3) packaging style (4) inductance value (5) inductance tolerance (6) lead-free compatible product packaging style and quantities conformity to rohs directive operating temperature range ?40 to +105c [including self-temperature rise] storage temperature range ?40 to +105c 150?c 180?c 255?c 230?c pre-heating 90 to 120s 40s max. 10s max. natural cooling time ( s ) 150?c 170?c 260?c max. pre-heating 60 to 120s 10s max. natural cooling time ( s ) tip temperature 300 to 350c heating time 3 seconds/soldering soldering rod specifications output: 30w tip diameter: 1mm nlc 565050 t- 2r2 k - pf (1) (2) (3) (4) (5) (6) 565050 5.6 5.0 5.0mm( l w t) t taping(reel) 1r0 1h 100 10h 101 100h 102 1000h k10% pf lead-free compatible product packaging style quantity taping 400 pieces/reel  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
 all specifications are subject to change without notice. (13/14) 001-03 / 20110927 / e511_nlcv_nlc shapes and dimensions/recommended pc board pattern electrical characteristics ? rated current: value obtained when current flows and the temperature has risen to 20c or when dc current flows and the initial value of inductance has fallen by 10%, whichever is smaller.  test equipment l, q: yhp4194a impedance analyzer+yhp16085a+yhp16093b+tf-1, or equivalent srf: hp8753c network analyzer (zin=zout=50 ? ), or equivalent rdc: matsushita vp-2941a digital milliohm meter, or equivalent inductance (h) inductance tolerance q min. test frequency l, q (mhz) self-resonant frequency (mhz)min. dc resistance ( ? )max. rated current ? (ma)max. part no. 1 10% 10 7.96 95 0.03 1800 nlc565050t-1r0k-pf 1.2 10% 10 7.96 70 0.035 1700 nlc565050t-1r2k-pf 1.5 10% 10 7.96 55 0.04 1600 nlc565050t-1r5k-pf 1.8 10% 10 7.96 47 0.05 1400 nlc565050t-1r8k-pf 2.2 10% 10 7.96 42 0.06 1300 nlc565050t-2r2k-pf 2.7 10% 10 7.96 37 0.07 1200 nlc565050t-2r7k-pf 3.3 10% 10 7.96 34 0.08 1120 nlc565050t-3r3k-pf 3.9 10% 10 7.96 32 0.09 1050 nlc565050t-3r9k-pf 4.7 10% 10 7.96 29 0.11 950 nlc565050t-4r7k-pf 5.6 10% 10 7.96 26 0.13 880 nlc565050t-5r6k-pf 6.8 10% 10 7.96 24 0.15 810 nlc565050t-6r8k-pf 8.2 10% 10 7.96 22 0.18 750 nlc565050t-8r2k-pf 10 10% 10 2.52 19 0.21 690 nlc565050t-100k-pf 12 10% 10 2.52 17 0.25 630 nlc565050t-120k-pf 15 10% 10 2.52 16 0.3 580 nlc565050t-150k-pf 18 10% 10 2.52 14 0.36 530 nlc565050t-180k-pf 22 10% 10 2.52 13 0.43 480 nlc565050t-220k-pf 27 10% 10 2.52 11.5 0.52 440 nlc565050t-270k-pf 33 10% 10 2.52 10.5 0.62 400 nlc565050t-330k-pf 39 10% 10 2.52 9.5 0.72 370 nlc565050t-390k-pf 47 10% 10 2.52 8.5 0.85 340 nlc565050t-470k-pf 56 10% 10 2.52 7.8 1 310 nlc565050t-560k-pf 68 10% 10 2.52 7 1.2 290 nlc565050t-680k-pf 82 10% 10 2.52 6.4 1.4 270 nlc565050t-820k-pf 100 10% 20 0.796 6 1.6 250 nlc565050t-101k-pf 120 10% 20 0.796 5.4 1.9 230 nlc565050t-121k-pf 150 10% 20 0.796 4.8 2.2 210 nlc565050t-151k-pf 180 10% 20 0.796 4.4 2.8 190 nlc565050t-181k-pf 220 10% 20 0.796 3.9 3.4 170 nlc565050t-221k-pf 270 10% 20 0.796 3.6 4.2 155 nlc565050t-271k-pf 330 10% 20 0.796 3.2 4.9 140 nlc565050t-331k-pf 390 10% 20 0.796 2.9 5.8 130 nlc565050t-391k-pf 470 10% 20 0.796 2.6 7 120 nlc565050t-471k-pf 560 10% 20 0.796 2.4 8.5 110 nlc565050t-561k-pf 680 10% 20 0.796 2.2 10 100 nlc565050t-681k-pf 820 10% 20 0.796 2 13 90 nlc565050t-821k-pf 1000 10% 20 0.252 1.8 15 85 nlc565050t-102k-pf 470 c1 5.6 0.3 5 0.3 4 0.2 weight: 380mg 5 0.3 1 ( 0.5 ) terminal electrode solder land pattern inductor 4.5 22 4 dimensions in mm
 all specifications are subject to change without notice. (14/14) 001-03 / 20110927 / e511_nlcv_nlc typical electrical characteristics inductance change vs. dc superposition characteristics 0.1 1 10 100 1000 inductance ( h ) 0 100 1000 10000 dc current ( ma ) 1000 h 470 h 220 h 100 h 39 h 15 h 3.9 h test equipment: 4275a multi-frequency lcr meter yhp ( 10khz, 1vrms ) a l=5h c=20000 f test circuit dc lcr meter specimen yhp model-4275a or equivalent 1 h


▲Up To Search▲   

 
Price & Availability of NLCV25T-330K-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X